Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6424 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 61Page - STMicroelectronics ADS6424 Datasheet HTML 62Page - STMicroelectronics ADS6424 Datasheet HTML 63Page - STMicroelectronics ADS6424 Datasheet HTML 64Page - STMicroelectronics ADS6424 Datasheet HTML 65Page - STMicroelectronics ADS6424 Datasheet HTML 66Page - STMicroelectronics ADS6424 Datasheet HTML 67Page - STMicroelectronics ADS6424 Datasheet HTML 68Page - STMicroelectronics ADS6424 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
www.ti.com
OUTPUT TIMINGS AT LOWER SAMPLING FREQUENCIES
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Setup, hold, and other timing parameters are specified across sampling frequencies and for each type of output
interface in the following tables.
Table 28 to Table 31: Typical values are at 25
°C, min and max values are across the full temperature range
TMIN = –40°C to TMAX = 85°C, AVDD = LVDD = 3.3 V, CL = 5 pF, IO = 3.5 mA, RL = 100 Ω, no internal
termination, unless otherwise noted.
Timing parameters are ensured by design and characterization and not tested in production.
Ts = 1/ Sampling frequency = 1/Fs
Table 27. Clock Propagation Delay for Different Interface Options
SERIALIZER LATENCY (1)
INTERFACE
SERIALIZATION
CLOCK PROPAGATION DELAY, tpd_clk
clock cycles
14x
tpd_clk = 0.428xTs + tdelay
1-Wire with DDR bit clock
0
16x
tpd_clk = 0.375xTs + tdelay
2
(when tpd_clk ≥ Ts)
2-Wire with DDR bit clock
tpd_clk = 0.857xTs + tdelay
14x
1
(when tpd_clk < Ts)
2-Wire with SDR bit clock
tpd_clk = 0.428xTs + tdelay
0
1
(when tpd_clk ≥ Ts)
2-Wire with DDR bit clock
tpd_clk = 0.75xTs + tdelay
16x
0
(when tpd_clk < Ts)
2-Wire with SDR bit clock
tpd_clk = 0.375xTs + tdelay
0
(1)
Note that the total latency = ADC latency + internal serializer latency. The ADC latency is 12 clock cycles.
Table 28. Timings for 1-Wire Interface
DATA SETUP TIME, tsu
DATA HOLD TIME, th
tdelay
SAMPLING
ns
ns
ns
SERIALIZATION
FREQUENCY
MSPS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
65
0.3
0.5
0.4
0.6
Fs ≥ 40 MSPS
40
0.65
0.85
0.7
0.9
3
4
5
14
×
20
1.3
1.65
1.6
1.9
Fs < 40 MSPS
10
3.2
3.5
3.2
3.6
3
4.5
6
65
0.22
0.42
0.35
0.55
Fs ≥ 40 MSPS
3
4
5
16
×
Fs < 40 MSPS
3
4.5
6
Table 29. Timings for 2-Wire Interface, DDR Bit Clock
DATA SETUP TIME, tsu
DATA HOLD TIME, th
tdelay
SAMPLING
ns
ns
ns
SERIALIZATION
FREQUENCY
MSPS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
105
0.45
0.65
0.5
0.7
Fs ≥ 45 MSPS
92
0.55
0.75
0.6
0.8
3.4
4.4
5.4
14
×
80
0.65
0.85
0.7
0.9
65
0.8
1.1
0.8
1.1
Fs < 45 MSPS
40
1.4
1.7
1.5
1.9
3.7
5.2
6.7
105
0.35
0.55
0.4
0.6
Fs ≥ 45 MSPS
92
0.45
0.65
0.5
0.7
3.4
4.4
5.4
16
×
80
0.55
0.75
0.6
0.8
65
0.6
0.9
0.7
1
Fs < 45 MSPS
40
1.1
1.4
1.3
1.7
3.7
5.2
6.7
65
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com