Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6424 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 22Page - STMicroelectronics ADS6424 Datasheet HTML 23Page - STMicroelectronics ADS6424 Datasheet HTML 24Page - STMicroelectronics ADS6424 Datasheet HTML 25Page - STMicroelectronics ADS6424 Datasheet HTML 26Page - STMicroelectronics ADS6424 Datasheet HTML 27Page - STMicroelectronics ADS6424 Datasheet HTML 28Page - STMicroelectronics ADS6424 Datasheet HTML 29Page - STMicroelectronics ADS6424 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
www.ti.com
PIN CONFIGURATION (2-WIRE INTERFACE)
PAD
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
ADS644x
RGCPACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DA1_P
DA1_M
DA0_P
DA0_M
CAP
RESET
LVDD
AGND
AVDD
AGND
INA_M
INA_P
AGND
INB_M
INB_P
AGND
17
64
18
63
19
62
20
61
21
60
22
59
23
58
24
57
25
56
26
55
27
54
28
53
29
52
30
51
31
50
32
49
DD0_M
DD0_P
DD1_M
DD1_P
SCLK
SDATA
SEN
PDN
AVDD
AGND
IND_M
IND_P
AGND
INC_M
INC_P
AGND
P0056-04
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
PIN ASSIGNMENTS (2-WIRE INTERFACE)
PINS
NO. OF
I/O
DESCRIPTION
PINS
NAME
NO.
SUPPLY AND GROUND PINS
9,17,19,27,3
AVDD
6
Analog power supply
2,40
8,10,13,16,1
8, 23,
AGND
11
Analog ground
26,31,33,36,
39
LVDD
7,49,64
3
Digital power supply
LGND
54,59
2
Digital ground
INPUT PINS
CLKP, CLKM
24,25
I
2
Differential input clock pair
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com