Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6424 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 44Page - STMicroelectronics ADS6424 Datasheet HTML 45Page - STMicroelectronics ADS6424 Datasheet HTML 46Page - STMicroelectronics ADS6424 Datasheet HTML 47Page - STMicroelectronics ADS6424 Datasheet HTML 48Page - STMicroelectronics ADS6424 Datasheet HTML 49Page - STMicroelectronics ADS6424 Datasheet HTML 50Page - STMicroelectronics ADS6424 Datasheet HTML 51Page - STMicroelectronics ADS6424 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
www.ti.com
M0087-01
Frequency(100kHzto500MHz)
F2
F1
F1
Freq=50MHz
S(1,1)=0.967/ –13.241
Impedance=62.211 – j421.739
F2
Freq=400MHz
S(1,1)=0.273/ –59.329
Impedance=58.132 – j29.510
0
100
200
300
400
500
600
700
800
900
1000
0
50
100
150
200
250
300
350
400
450
500
f -- Input Frequency -- MHz
I
F1
F1
Frequency = 50 MHz
Mag(Zin1) = 426.302
F2
F2
Frequency = 400 MHz
Mag(Zin1) = 65.193
Using RF-Transformers Based Drive Circuits
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
APPLICATION INFORMATION (continued)
Figure 84. ADC Input Impedance, Zin
Figure 85 shows a configuration using a single 1:1 turns ratio transformer (for example, Coilcraft WBC1-1) that
can be used for low input frequencies up to 100 MHz.
The single-ended signal is fed to the primary winding of the RF transformer. The transformer is terminated on
the secondary side. Putting the termination on the secondary side helps to shield the kickbacks caused by the
sampling circuit from the RF transformer’s leakage inductances. The termination is accomplished by two
resistors connected in series, with the center point connected to the 1.5 V common mode (VCM pin). The value
of the termination resistors (connected to common mode) has to be low (< 100
Ω) to provide a low-impedance
path for the ADC common-mode switching current.
48
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com