Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6424 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 36Page - STMicroelectronics ADS6424 Datasheet HTML 37Page - STMicroelectronics ADS6424 Datasheet HTML 38Page - STMicroelectronics ADS6424 Datasheet HTML 39Page - STMicroelectronics ADS6424 Datasheet HTML 40Page - STMicroelectronics ADS6424 Datasheet HTML 41Page - STMicroelectronics ADS6424 Datasheet HTML 42Page - STMicroelectronics ADS6424 Datasheet HTML 43Page - STMicroelectronics ADS6424 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
www.ti.com
70
71
72
73
74
75
76
77
78
76
78
80
82
84
86
88
90
92
0.5
1.0
1.5
2.0
2.5
3.0
Input Clock Amplitude − VPP
G049
SNR
SFDR
fIN = 50.1 MHz
71
72
73
74
75
76
Input Clock Duty Cycle − %
82
84
86
88
90
92
35
40
45
50
55
60
65
G050
SNR
SFDR
fIN = 20.1 MHz
fS − Sampling Frequency − MSPS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80
G051
LVDD
AVDD
Output Code
0
5
10
15
20
25
30
35
40
8180 8181 8182 8183 8184 8185 8186 8187 8188 8189
G052
RMS LSB = 1.016
66
68
70
72
74
76
VVCM − VCM Voltage − V
86
88
90
92
94
96
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
fIN = 50.1 MHz
External Reference Mode
G053
SNR
SFDR
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
50
100
150
200
250
300
G018
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
ADS6443 (F
srated = 80 MSPS) (continued)
PERFORMANCE vs CLOCK AMPLITUDE (differential)
PERFORMANCE vs CLOCK DUTY CYCLE
Figure 54.
Figure 55.
OUTPUT NOISE HISTOGRAM WITH
POWER DISSIPATION vs SAMPLING FREQUENCY
INPUTS TIED TO COMMON-MODE
Figure 56.
Figure 57.
PERFORMANCE IN EXTERNAL REFERENCE MODE
CMRR vs FREQUENCY
Figure 58.
Figure 59.
40
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com