Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6424 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 38Page - STMicroelectronics ADS6424 Datasheet HTML 39Page - STMicroelectronics ADS6424 Datasheet HTML 40Page - STMicroelectronics ADS6424 Datasheet HTML 41Page - STMicroelectronics ADS6424 Datasheet HTML 42Page - STMicroelectronics ADS6424 Datasheet HTML 43Page - STMicroelectronics ADS6424 Datasheet HTML 44Page - STMicroelectronics ADS6424 Datasheet HTML 45Page - STMicroelectronics ADS6424 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
www.ti.com
Fin − Input Frequency − MHz
76
78
80
82
84
86
88
90
92
94
96
10
30
50
70
90
110 130 150 170 190 210 230
G061
Input adjusted to get −1dBFS input
6 dB
2 dB
4 dB
3 dB
5 dB
0 dB
1 dB
Fin − Input Frequency − MHz
65
66
67
68
69
70
71
72
73
74
75
20
40
60
80
100
120
140
160
180
200
220
G062
2 dB
5 dB
1 dB
0 dB
3 dB
3.5 dB
4 dB
6 dB
72
73
74
75
76
77
78
AVDD − Supply Voltage − V
82
84
86
88
90
92
94
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G063
SNR
SFDR
fIN = 50.1 MHz
LVDD = 3.3 V
70
71
72
73
74
75
76
LVDD − Supply Voltage − V
86
87
88
89
90
91
92
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G064
fIN = 50.1 MHz
AVDD = 3.3 V
SNR
SFDR
73
74
75
76
77
78
79
T − Temperature −
°C
84
86
88
90
92
94
96
−40
−20
0
20
40
60
80
G065
fIN = 50.1 MHz
SNR
SFDR
50
55
60
65
70
75
80
85
90
Input Amplitude − dBFS
30
40
50
60
70
80
90
100
110
−60
−50
−40
−30
−20
−10
0
fIN = 20 MHz
G066
SFDR (dBc)
SFDR (dBFS)
SNR (dBFS)
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
ADS6442 (F
srated = 65 MSPS) (continued)
SFDR vs INPUT FREQUENCY ACROSS GAINS
SINAD vs INPUT FREQUENCY ACROSS GAINS
Figure 66.
Figure 67.
PERFORMANCE vs AVDD
PERFORMANCE vs LVDD
Figure 68.
Figure 69.
PERFORMANCE vs TEMPERATURE
PERFORMANCE vs INPUT AMPLITUDE
Figure 70.
Figure 71.
42
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com