Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6424 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 14Page - STMicroelectronics ADS6424 Datasheet HTML 15Page - STMicroelectronics ADS6424 Datasheet HTML 16Page - STMicroelectronics ADS6424 Datasheet HTML 17Page - STMicroelectronics ADS6424 Datasheet HTML 18Page - STMicroelectronics ADS6424 Datasheet HTML 19Page - STMicroelectronics ADS6424 Datasheet HTML 20Page - STMicroelectronics ADS6424 Datasheet HTML 21Page - STMicroelectronics ADS6424 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
www.ti.com
SERIAL INTERFACE
Register Reset
T0109-03
t
(SCLK)
t
(DSU)
t
(DH)
t
(SLOADS)
D7
A4
D3
A0
D5
A2
D1
D9
D6
A3
D2
D10
D4
A1
D0
D8
SDATA
SCLK
SEN
RESET
t
(SLOADH)
Register Address
RegisterData
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
The ADC has a serial interface formed by pins SEN (serial interface enable), SCLK (serial interface clock),
SDATA (serial interface data) and RESET. Serial shift of bits into the device is enabled when SEN is low. Serial
data SDATA is latched at every falling edge of SCLK when SEN is active (low). The serial data is loaded into the
register at every 16th SCLK falling edge when SEN is low. In case the word length exceeds a multiple of 16 bits,
the excess bits are ignored. Data can be loaded in multiple of 16-bit words within a single active SEN pulse. The
interface can work with SCLK frequency from 20 MHz down to very low speeds (few hertz) and even with
non-50% duty cycle SCLK.
The first 5-bits of the 16-bit word are the address of the register while the next 11 bits are the register data.
After power-up, the internal registers must be reset to their default values. This can be done in one of two ways:
1. Either by applying a high-going pulse on RESET (of width greater than 10ns) OR
2. By applying software reset. Using the serial interface, set the <RST> bit in register 0x00 to high– this
resets the registers to their default values and then self-resets the <RST> bit to LOW.
When RESET pin is not used, it must be tied to LOW.
Figure 4. Serial Interface Timing
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com