Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6424 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 18Page - STMicroelectronics ADS6424 Datasheet HTML 19Page - STMicroelectronics ADS6424 Datasheet HTML 20Page - STMicroelectronics ADS6424 Datasheet HTML 21Page - STMicroelectronics ADS6424 Datasheet HTML 22Page - STMicroelectronics ADS6424 Datasheet HTML 23Page - STMicroelectronics ADS6424 Datasheet HTML 24Page - STMicroelectronics ADS6424 Datasheet HTML 25Page - STMicroelectronics ADS6424 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
www.ti.com
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Table 14. Serial Register B
REGISTER
BITS
ADDRESS
A4 - A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
<CLKIN GAIN>
04
0
0
0
0
0
0
INPUT CLOCK BUFFER GAIN CONTROL
D6 - D2
<CLKIN GAIN> Input clock buffer gain control
11000
Gain 0, minimum gain
00000
Gain 1, default gain after reset
01100
Gain 2
01010
Gain 3
01001
Gain 4
01000
Gain 5, maximum gain
Table 15. Serial Register C
REGISTER
BITS
ADDRESS
A4 - A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
<DF>
DATA
DORMAT 2S
<PATTERNS>
00
0
0
0
0
0
0
0
COMP OR
TEST PATTERNS
STRAIGHT
BINARY
D7 - D5
<PATTERNS> Capture test patterns
000
Normal ADC operation
001
Output all zeros
010
Output all ones
011
Output toggle pattern
100
Unused
101
Output custom pattern (contents of CUSTOM pattern registers 0x0B and 0x0C)
110
Output DESKEW pattern (serial stream of 1010..)
111
Output SYNC pattern
D9
<DF> Data format selection
0
2s Complement format
1
Straight binary format
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com