Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6424 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 28Page - STMicroelectronics ADS6424 Datasheet HTML 29Page - STMicroelectronics ADS6424 Datasheet HTML 30Page - STMicroelectronics ADS6424 Datasheet HTML 31Page - STMicroelectronics ADS6424 Datasheet HTML 32Page - STMicroelectronics ADS6424 Datasheet HTML 33Page - STMicroelectronics ADS6424 Datasheet HTML 34Page - STMicroelectronics ADS6424 Datasheet HTML 35Page - STMicroelectronics ADS6424 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
www.ti.com
fIN − Input Frequency − MHz
74
76
78
80
82
84
86
88
90
92
0
50
100
150
200
250
G005
Gain = 0 dB
Gain = 3.5 dB
fIN − Input Frequency − MHz
67
68
69
70
71
72
73
74
75
0
50
100
150
200
250
G006
Gain = 0 dB
Gain = 3.5 dB
Fin − Input Frequency − MHz
74
76
78
80
82
84
86
88
90
92
10
30
50
70
90
110 130 150 170 190 210 230
G007
Input adjusted to get −1dBFS input
1 dB
0 dB
2 dB
4 dB
5 dB
6 dB
3 dB
Fin − Input Frequency − MHz
65
66
67
68
69
70
71
72
73
74
75
20
40
60
80
100
120
140
160
180
200
220
G008
2 dB
5 dB
1 dB
0 dB
3 dB
3.5 dB
4 dB
6 dB
70
71
72
73
74
75
76
77
78
AVDD − Supply Voltage − V
72
74
76
78
80
82
84
86
88
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G009
SNR
SFDR
fIN = 50.1 MHz
LVDD = 3.3 V
70
71
72
73
74
75
LVDD − Supply Voltage − V
78
82
86
90
94
98
3.0
3.1
3.2
3.3
3.4
3.5
3.6
G010
fIN = 50.1 MHz
AVDD = 3.3 V
SNR
SFDR
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
ADS6445 (F
srated = 125 MSPS) (continued)
SFDR vs INPUT FREQUENCY
SNR vs INPUT FREQUENCY
Figure 10.
Figure 11.
SFDR vs INPUT FREQUENCY ACROSS GAINS
SINAD vs INPUT FREQUENCY ACROSS GAINS
Figure 12.
Figure 13.
PERFORMANCE vs AVDD
PERFORMANCE vs LVDD
Figure 14.
Figure 15.
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com