Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 19 Page - OSRAM GmbH

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 15Page - OSRAM GmbH AS7265X Datasheet HTML 16Page - OSRAM GmbH AS7265X Datasheet HTML 17Page - OSRAM GmbH AS7265X Datasheet HTML 18Page - OSRAM GmbH AS7265X Datasheet HTML 19Page - OSRAM GmbH AS7265X Datasheet HTML 20Page - OSRAM GmbH AS7265X Datasheet HTML 21Page - OSRAM GmbH AS7265X Datasheet HTML 22Page - OSRAM GmbH AS7265X Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − Typical Operating Characteristics
Figure 20:
Optical Characteristics of AS72653 (Pass Band)(1)
Note(s):
1. Calibration and measurements are made using diffused light.
2. Each channel is tested with GAIN = 16x, Integration Time (INT_T) = 166ms and VDD = VDD1 = VDD2 = 3.3V, TAMB=25°C.
3. The accuracy of the channel counts/μW/cm2 is ±12%.
Symbol
Parameter
Conditions
Channel
(nm)
Min
Typ
Max
Unit
AChannel A
LED:(2)
395nm
415nm
428nm
5600K white
410
35(3)
counts/
(μW/cm2)
B
Channel B
435
35(3)
counts/
(μW/cm2)
C
Channel C
460
35(3)
counts/
(μW/cm2)
DChannel D
485
35(3)
counts/
(μW/cm2)
EChannel E
510
35(3)
counts/
(μW/cm2)
FChannel F
535
35(3)
counts/
(μW/cm2)
FWHM
Full Width
Half Max
20
nm
Wacc
Wavelength
Accuracy
-10
+10
nm
dark
Dark Channel
Counts
GAIN=64, TAMB=25°C
tint = 165ms
5
counts
AFOV
Average Field
of View
±20.5
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com