Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 32 Page - OSRAM GmbH

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 28Page - OSRAM GmbH AS7265X Datasheet HTML 29Page - OSRAM GmbH AS7265X Datasheet HTML 30Page - OSRAM GmbH AS7265X Datasheet HTML 31Page - OSRAM GmbH AS7265X Datasheet HTML 32Page - OSRAM GmbH AS7265X Datasheet HTML 33Page - OSRAM GmbH AS7265X Datasheet HTML 34Page - OSRAM GmbH AS7265X Datasheet HTML 35Page - OSRAM GmbH AS7265X Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
ams Datasheet
Page 31
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
Detailed Register Descriptions
Figure 27:
HW Version Registers
Figure 28:
FW Version Registers
Figure 29:
Configuration Register
Addr: 0x00,0x01
HW Version
Bit
Bit Name
Default
Access
Bit Description
15:8
HW version H
0x40
R
Device type
7:0
HW version L
0x41
R
HW version
Addr: 0x02,0x03
FW Version
Bit
Bit Name
Default
Access
Bit Description
15:8
FW version H
0
R/W
Set register 0x02, 0x03 to 0x01 to 0x03 to get
each firmware positions high byte
0x01: MAJOR version [15..8]
0x02: PATCH version [15..8]
0x03: BUILD version [15..8]
7:0
FW version L
0
R/W
Addr: 0x04
Configuration
Bit
Bit Name
Default
Access
Bit Description
7:0
SRST
0
W
[W] software reset [R] gain error
6INT
0
R/W
Enable interrupt pin
5:4
GAIN
01
R/W
Gain configuration: b00=1x; b01=3.7x; b10=16x;
b11=64x
3:2
BANK
10
R/W
Measurement mode:
b00=Mode 0: 4 channels
b01=Mode 1: 4 channels
b10=Mode 2: All 6 channels
b11=Mode 3: One-Shot operation of mode 2
1
DATA_RDY
0
R
Data ready to read
0FRST
0
W
Factory reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com