Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 42 Page - OSRAM GmbH

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 38Page - OSRAM GmbH AS7265X Datasheet HTML 39Page - OSRAM GmbH AS7265X Datasheet HTML 40Page - OSRAM GmbH AS7265X Datasheet HTML 41Page - OSRAM GmbH AS7265X Datasheet HTML 42Page - OSRAM GmbH AS7265X Datasheet HTML 43Page - OSRAM GmbH AS7265X Datasheet HTML 44Page - OSRAM GmbH AS7265X Datasheet HTML 45Page - OSRAM GmbH AS7265X Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
ams Datasheet
Page 41
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
UART Command Interface
If selected by the I2C_ENB pin setting, the UART module imple-
ments the TX and RX signals as defined in the RS-232 / V.24
standard communication protocol. Serial flash EPROM is a re-
quired operating companion device to enable the UART com-
mand interface.
Figure 56:
Flash Memory Overview
Note(s):
1. Where xx= alternative packages.
UART Feature List
• Full duplex operation (independent serial receive and
transmit registers).
• Factory set to 115.2k Baud
• Supports serial frames with 8 Data Bits, no Parity and 1
Stop Bit.
Operation
Transmission
If data is available in the transmit FIFO, it will be moved into the
output shift register and the data will be transmitted at the
configured Baud Rate, starting with a Start Bit (logic zero) and
followed by a Stop Bit (logic one).
Reception
At any time, with the receiver being idle, if a falling edge of a
start bit is detected on the input, a byte will be received and
stored in the receive FIFO. The following Stop Bit will be checked
to be logic one.
Serial Flash
Manufacturer
AT25SF041xx
Adesto Technologies
AT25DF041xx
Adesto Technologies
MX25L4006ExxI-12G
Macronix
SST25PF040C
Microchip Technology
W25X40CLSNIG
Winbond Electronics
LE25U40CMD
ON Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com