Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 40 Page - OSRAM GmbH

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 36Page - OSRAM GmbH AS7265X Datasheet HTML 37Page - OSRAM GmbH AS7265X Datasheet HTML 38Page - OSRAM GmbH AS7265X Datasheet HTML 39Page - OSRAM GmbH AS7265X Datasheet HTML 40Page - OSRAM GmbH AS7265X Datasheet HTML 41Page - OSRAM GmbH AS7265X Datasheet HTML 42Page - OSRAM GmbH AS7265X Datasheet HTML 43Page - OSRAM GmbH AS7265X Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
ams Datasheet
Page 39
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
Figure 51:
COEF WRITE Register
AS72651 I2C Firmware (FW) Update Procedure
• In the FW Update Control register set the Start_XFR bit to
1.
• Write 56k of data to the FW Download register starting
with the first byte in the ams file, then proceed the end of
the ams 56k file with consecutive writes.
• If desired read the FW Byte Count registers to see which
byte is expected to be written next into the FW Download
register.
• When the download file is completely written, confirm the
action by using the FW Update Control register bit XFR_
56k (should =1 if 56k has been downloaded).
• In the FW Update Control register, set the Toggle bit to 1
which will reboot the AS72651 with the new FW after
checking the new FW for correct CRC. If the CRC is incorrect
the toggle bit will not change and the new FW will not be
used.
Figure 52:
Firmware Byte Count High Byte
Addr:0x55
COEF WRITE
Bit
Bit Name
Default
Access
Bit Description
7:0
COEF_WRITE
R/W
Set sub addresses to write different calibration
data from COEF_DATA register to persistent
memory
Addr: 0x60/0xE0
Control_Setup
Bit
Bit Name
Default
Access
Bit Description
7
Start_XFR
0
R/W
Set to 1 to start firmware update
6
Kill_XFR
0
R/W
Set to 1 to stop firmware update.
5
XFR_56K
0
R
Set to 1 when 56k bytes have been downloaded.
4
Reserved
Reserved, do not use.
3
Toggle
0
R/W
Set to 1 to toggle firmware image partition.
2:0
Reserved
Reserved, do not use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com