Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Datasheet(HTML) 4 Page - OSRAM GmbH

  AS7265X Datasheet HTML 1Page - OSRAM GmbH AS7265X Datasheet HTML 2Page - OSRAM GmbH AS7265X Datasheet HTML 3Page - OSRAM GmbH AS7265X Datasheet HTML 4Page - OSRAM GmbH AS7265X Datasheet HTML 5Page - OSRAM GmbH AS7265X Datasheet HTML 6Page - OSRAM GmbH AS7265X Datasheet HTML 7Page - OSRAM GmbH AS7265X Datasheet HTML 8Page - OSRAM GmbH AS7265X Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
ams Datasheet
Page 3
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − General Description
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
AS7265x Chip-Set Block Diagram
Note(s):
1. Refer to the Application Diagram in Figure 60.
VDD1
VDD2
GND
MISO
SCK
MOSI
CSN
SCL_M
SDA_M
RESN
°C
TX / SDA_S
Current
Control
LED_IND
LED_DRV
RX / SCL_S
UART or
I
2C Slave
I
2C Master
SPI
Master
OSC
16MHz
W
V
U
VDD
VDD
VDD
VDD
Communication
Firmware Interface
LED Drivers
Spectral_ID
Sensor
I2C_ENB
INT
T
S
R
VDD1
VDD2
GND
RESN
°C
SDA_S
Current
Control
LED_IND
LED_DRV
SCL_S
I
2C Slave
OSC
16MHz
L
K
J
VDD
VDD
Communication
LED Drivers
Spectral_ID
Sensor
I
H
G
VDD1
VDD2
GND
RESN
°C
SDA_S
Current
Control
LED_IND
LED_DRV
SCL_S
I
2C Slave
OSC
16MHz
F
E
D
VDD
VDD
Communication
LED Drivers
Spectral_ID
Sensor
C
B
A
Micro
Controller
Unit (MCU)
AS72651
AS72652
AS72653
Serial Flash
Memory
SLV2_RESN
SLV1_RESN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com