Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 29 Page - OSRAM GmbH

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 25Page - OSRAM GmbH AS7265X Datasheet HTML 26Page - OSRAM GmbH AS7265X Datasheet HTML 27Page - OSRAM GmbH AS7265X Datasheet HTML 28Page - OSRAM GmbH AS7265X Datasheet HTML 29Page - OSRAM GmbH AS7265X Datasheet HTML 30Page - OSRAM GmbH AS7265X Datasheet HTML 31Page - OSRAM GmbH AS7265X Datasheet HTML 32Page - OSRAM GmbH AS7265X Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − Detailed Description
I²C Virtual Register Set
The figure below provides a summary of the AS72651 I²C regis-
ter set for the AS72651 which serves as the master interface of
the 3 device AS7265x set. Figures after that provide additional
register details. All register data is hex, and all multi-byte enti-
ties are Big Endian (most significant byte is situated at the low-
est register address).
Multiple byte registers (2 byte integer, or, 4 byte floating point)
must be read in the order of ascending register addresses (low
to high) and if capable of being written to, must also be written
in the order ascending register addresses.
Figure 26:
AS72651 I²C Master Device Virtual Register Set Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0x00
HW Version
HW Version H
0x01
HW Version L
0x02
FW Version
FW Version H
0x03
FW Version L
0x04
Configuration
SRST
INT
GAIN
BANK
DATA_RDY
FRST
0x05
Integration Time
Integration Time
0x06
Temperature
Temperature
0x07
LED
Configuration
READ_
ERR
LED_
DRV
ENA-
BLELED
_DRV
LED_INT
ENABL
E LED_
INT
0x08
RAW value R, G, A
RAW value H
0x09
RAW value R, G, A
RAW value L
0x0A
RAW value S, H, B
RAW value H
0x0B
RAW value S, H, B
RAW value L
0x0C
RAW value T, I, C
RAW value H
0x0D
RAW value T, I, C
RAW value L
0x0E
RAW value U, J, D
RAW value H
0x0F
RAW value U, J, D
RAW value L
0x10
RAW value V, K, E
RAW value H
0x11
RAW value V, K, E
RAW value L
0x12
RAW value W, L, F
RAW value H
0x13
RAW value W, L, F
RAW value L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com