Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 45 Page - OSRAM GmbH

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 41Page - OSRAM GmbH AS7265X Datasheet HTML 42Page - OSRAM GmbH AS7265X Datasheet HTML 43Page - OSRAM GmbH AS7265X Datasheet HTML 44Page - OSRAM GmbH AS7265X Datasheet HTML 45Page - OSRAM GmbH AS7265X Datasheet HTML 46Page - OSRAM GmbH AS7265X Datasheet HTML 47Page - OSRAM GmbH AS7265X Datasheet HTML 48Page - OSRAM GmbH AS7265X Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − Detailed Description
Control
ATINTTIME
R/W
Set sensor
integration time.
Integration time =
<value> * ~2.8ms.
DEC
1-255
20
ATGAIN
R/W
Set sensor gain: 0=1x
gain, 1=3.7x, 2=16x,
3=64x
DEC
0-3
1
ATINTRP
R/W
Enable/Disable
interrupt pin
DEC
0 - Disable
1 - Enable Interrupt
pin functionality
0
ATTCSMD
R/W
Set measurement
mode
DEC
0: Captures bank0 (1
integration period)
1: Captures bank1 (1
integration period)
2: Captures bank0+
bank1(2 integration
period)
3:Captures bank0+
bank1 in one shot
mode (2 integration
period)
2
ATINTRVL
R/W
Set the sampling
interval as an integer
multiple of the
integration time. The
<value> is an integer
between [1...255].
A sampling
interval=1 implies a
sampling rate of 1x
the current
integration time.
A sampling
interval=255 implies
a slow sampling rate
of 255 times the
current integration
time
DEC
1…255
1
Commands
Direction
Description
Format
Value Range
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com