Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 34 Page - OSRAM GmbH

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 30Page - OSRAM GmbH AS7265X Datasheet HTML 31Page - OSRAM GmbH AS7265X Datasheet HTML 32Page - OSRAM GmbH AS7265X Datasheet HTML 33Page - OSRAM GmbH AS7265X Datasheet HTML 34Page - OSRAM GmbH AS7265X Datasheet HTML 35Page - OSRAM GmbH AS7265X Datasheet HTML 36Page - OSRAM GmbH AS7265X Datasheet HTML 37Page - OSRAM GmbH AS7265X Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
ams Datasheet
Page 33
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
Figure 32:
LED Configuration Register
Figure 33:
RAW Value Channel R,G,A Register
Figure 34:
RAW Value Channel S,H,B Register
Addr: 0x07
LED Configuration
Bit
Bit Name
Default
Access
Bit Description
7
READ_ERR
0
R
Error while reading status
5:4
LED_DRV
00
R/W
LED_DRV current limit: b00=12.5mA; b01=25mA;
b10=50mA; b11=100mA
Device depends on register DEV_SEL
3
ENABLE LED_
DRV
0R/W
Enable LED DRV
Device depends on register DEV_SEL
2:1
LED_INT
01
R/W
Current limit: b00=1mA; b01=2mA; b10=4mA;
b11=8mA
Device depends on register DEV_SEL
0
ENABLE LED_
INT
0R/W
Enable LED IND
Device depends on register DEV_SEL
Addr: 0x08,0x09
RAW Value Channel R,G,A
Bit
Bit Name
Default
Access
Bit Description
15:8
RAW value H
-
R
Channel R or J or D depends on register DEV_SEL
7:0
Raw value L
-
R
Addr: 0x0A,0x0B
RAW Value Channel S,H,B
Bit
Bit Name
Default
Access
Bit Description
15:8
RAW value H
-
R
Channel S or I or C depends on register DEV_SEL
7:0
Raw value L
-
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com