Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 25 Page - OSRAM GmbH

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 21Page - OSRAM GmbH AS7265X Datasheet HTML 22Page - OSRAM GmbH AS7265X Datasheet HTML 23Page - OSRAM GmbH AS7265X Datasheet HTML 24Page - OSRAM GmbH AS7265X Datasheet HTML 25Page - OSRAM GmbH AS7265X Datasheet HTML 26Page - OSRAM GmbH AS7265X Datasheet HTML 27Page - OSRAM GmbH AS7265X Datasheet HTML 28Page - OSRAM GmbH AS7265X Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − Detailed Description
Figure 24:
I²C Slave Device Address and Physical Registers
I²C Virtual Register Write Access
I²C Virtual Resister Byte Write, detailed below, shows the
pseudocode necessary to write virtual registers on the
AS72651. Note that, because the actual registers of interest are
realized as virtual registers, a means of indicating whether there
is a pending read or write operation of a given virtual register
is needed. To convey this information, the most significant bit
of the virtual register address is used as a marker. If it is 1, then
a write is pending, otherwise the slave is expecting a virtual
read operation. The pseudocode illustrates the proper tech-
nique for polling of the I²C slave status register to ensure the
slave is ready for each transaction.
Entity
Description
Note
Device Slave Address
8-bit slave address
Byte = 1001001x (device address = 49 hex)
• x= 1 for Master Read (byte = 93 hex)
• x= 0 for Master Write (byte = 92 hex)
STATUS Register
I²C slave interface STATUS
register. Read-only.
Register Address = 0x00
Bit 1: TX_VALID
• 0 - New data may be written to WRITE register
• 1 -WRITE register occupied. Do NOT write.
Bit 0: RX_VALID
• 0 -No data is ready to be read in READ register.
• 1 -Data byte available in READ register.
WRITE Register
I²C slave interface WRITE
register. Write-only.
Register Address = 0x01
• 8-Bits of data written by the I²C Master
intended for receipt by the I²C slave. Used for
both virtual register addresses and write data.
READ Register
I²C slave interface
READ register. Read-only.
Register Address = 0x02
• 8-Bits of data to be read by the I²C Master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com