Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2585 Datasheet(PDF) 69 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 69 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 65Page - OSRAM GmbH TSL2585 Datasheet HTML 66Page - OSRAM GmbH TSL2585 Datasheet HTML 67Page - OSRAM GmbH TSL2585 Datasheet HTML 68Page - OSRAM GmbH TSL2585 Datasheet HTML 69Page - OSRAM GmbH TSL2585 Datasheet HTML 70Page - OSRAM GmbH TSL2585 Datasheet HTML 71Page - OSRAM GmbH TSL2585 Datasheet HTML 72Page - OSRAM GmbH TSL2585 Datasheet HTML 73Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
Page 68
Datasheet, Public
Document Feedback
[v4-00] 2022-Dec-22
TSL2585 − Register O ver view
MOD_FIFO_DATA_CFG2 Register
Figure 88:
MOD_FIFO_DATA_CFG2
Note(s):
1. Return to the Register Map (0xFB).
FIFO_THR Register
Figure 89:
FIFO_THR
Note(s):
1. Return to the Register Map (0xFC).
Addr: 0xFB
MOD_FIFO_DATA_CFG2
Bit
Field
Reset
Type
Bit Description
7
MOD_ALS_FIFO_DATA2_
WRITE_ENABLE
1R/W
Enables to write ALS data of modulator 2 into the
FIFO under the following conditions:
• Flicker measurement is disabled in the sequencer
step or In case (ALS_NR_SAMPLES < FD_NR_
SAMPLES) then flicker measurement has been
finished (ALS_NR_SAMPLES >= FD_NR_
SAMPLES).
• DO_ALS_FINAL_PROCESSING_AFTER_FLICKER
must be set to “1”.
6Reserved
0
5
MOD_FD_FIFO_DATA2_
COMPRESSION_ENABLE
0R/W
Enables data compression in case of flicker
measurements.
4
MOD_FD_FIFO_DATA2_
DIFFERENCE_ENABLE
0R/W
If set, only the delta value between two consecutive
samples is written into FIFO. The setting makes only
sense in combination with enabled data
compression (MOD_FD_FIFO_DATA2_
COMPRESSION_ENABLE).
3:0
MOD_FD_FIFO_
DATA2_WIDTH
0xF
R/W
Defines absolute number of bits from a sample
written to FIFO E.g. if set to 10, 11 bits (0-10) are
written into the FIFO.
Addr: 0xFC
FIFO_THR
Bit
Field
Reset
Type
Bit Description
7:0
FIFO_THR[8:1]
0x7F
R/W
If FIFO_LVL > FIFO_THR a FIFO interrupt FINT is
invoked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com