Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2585 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 19Page - OSRAM GmbH TSL2585 Datasheet HTML 20Page - OSRAM GmbH TSL2585 Datasheet HTML 21Page - OSRAM GmbH TSL2585 Datasheet HTML 22Page - OSRAM GmbH TSL2585 Datasheet HTML 23Page - OSRAM GmbH TSL2585 Datasheet HTML 24Page - OSRAM GmbH TSL2585 Datasheet HTML 25Page - OSRAM GmbH TSL2585 Datasheet HTML 26Page - OSRAM GmbH TSL2585 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
Page 22
Datasheet, Public
Document Feedback
[v4-00] 2022-Dec-22
TSL2585 − Register O ver view
Register Descriptions
UV_CALIB Register
Figure 18:
UV_CALIB
Note(s):
1. Return to the Register Map (0x08).
Addr: 0x08
UV_CALIB
Bit
Field
Reset
Type
Bit Description
7:0
UV_CALIB
OTP
R
The UV response of each device is calibrated, and the calibration result
is saved in the UV_CALIB OTP register. The UV_CALIB value is in
percentage with a resolution of 1%. The UV_CALIB value of 127 means
the UV response of the device is close to the target and the calibration
factor is 0%.
Where, the UVRaw_Data is the raw value read from the ALS_DATA
registers or FIFO.
UV_CALIB
UV Calibration Factor
0
...
...
124
-3%
125
-2%
126
-1%
127
0%
128
1%
129
2%
130
3%
...
...
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com