Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2585 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 9Page - OSRAM GmbH TSL2585 Datasheet HTML 10Page - OSRAM GmbH TSL2585 Datasheet HTML 11Page - OSRAM GmbH TSL2585 Datasheet HTML 12Page - OSRAM GmbH TSL2585 Datasheet HTML 13Page - OSRAM GmbH TSL2585 Datasheet HTML 14Page - OSRAM GmbH TSL2585 Datasheet HTML 15Page - OSRAM GmbH TSL2585 Datasheet HTML 16Page - OSRAM GmbH TSL2585 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
Page 12
Datasheet, Public
Document Feedback
[v4-00] 2022-Dec-22
TSL2585 − Typical Operating Characteristics
Figure 12:
Spectral Responsivity
Note(s):
1. The spectral responsivities shown in the figure are measured with 128x AGAIN and 100ms integration time for the Photopic and IR
channels and 1024x AGAIN and 100ms integration time for the UV channel. The spectral responsivities are normalized to the Photopic
channel.
2. The measurements are performed with collimated light and using a rubber boot to block the light leakage through the side walls
of the clear mold package.
Typical Operating
Characteristics
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
300
400
500
600
700
800
900
1000
1100
Wavelength (nm)
Normalized Spectral Responsivity
Photopic
UVA
IR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com