Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2585 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 32Page - OSRAM GmbH TSL2585 Datasheet HTML 33Page - OSRAM GmbH TSL2585 Datasheet HTML 34Page - OSRAM GmbH TSL2585 Datasheet HTML 35Page - OSRAM GmbH TSL2585 Datasheet HTML 36Page - OSRAM GmbH TSL2585 Datasheet HTML 37Page - OSRAM GmbH TSL2585 Datasheet HTML 38Page - OSRAM GmbH TSL2585 Datasheet HTML 39Page - OSRAM GmbH TSL2585 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
Datasheet, Public
Page 35
[v4-00] 2022-Dec-22
Document Feedback
TSL2585 − Register Overview
Note(s):
1. Return to the Register Map (0xA0).
CFG0 Register
Figure 42:
CFG0
Note(s):
1. Return to the Register Map (0xA1).
CFG1 Register
Figure 43:
CFG1
0SINT_VSYNC
0
R/W
Indicates that SYNCH_LOST is set or reset. SYNCH_LOST
gets set if the waiting timeout for VSYNC_TIMEOUT is
reached. In parallel SIEN_VSYNC must be set. Writing ‘1’
to this bit clears this interrupt.
Addr: 0xA1
CFG0
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6SAI
0
R/W
Sleep After Interrupt. If asserted, the oscillator is
turned off whenever interrupt is active (low). SAI_
ACTIVE is set in this event. To activate the oscillator
again, service and clear all interrupts plus clear the SAI_
ACTIVE bit by writing “1” to CLEAR_SAI_ACTIVE. Sleep
after interrupt is asserted only in combination with
MEASUREMENT_SEQUENCER_SINT_PER_STEP or SIEN
or SIEN_MEASUREMENT_SEQUENCER.
5LOWPOWER_IDLE
0R/W
Low Power Idle. When asserted, the device will
automatically run in a low power mode whenever all
functions are in wait states or disabled.
4:0
Reserved
01000b
R
Do not overwrite default.
Addr: 0xA2
CFG1
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0
Addr: 0xA0
STATUS5
Bit
Field
Reset
Type
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com