Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2585 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 31Page - OSRAM GmbH TSL2585 Datasheet HTML 32Page - OSRAM GmbH TSL2585 Datasheet HTML 33Page - OSRAM GmbH TSL2585 Datasheet HTML 34Page - OSRAM GmbH TSL2585 Datasheet HTML 35Page - OSRAM GmbH TSL2585 Datasheet HTML 36Page - OSRAM GmbH TSL2585 Datasheet HTML 37Page - OSRAM GmbH TSL2585 Datasheet HTML 38Page - OSRAM GmbH TSL2585 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
Page 34
Datasheet, Public
Document Feedback
[v4-00] 2022-Dec-22
TSL2585 − Register O ver view
STATUS4 Register
Figure 40:
STATUS4
Note(s):
1. Return to the Register Map (0x9F).
STATUS5 Register
Figure 41:
STATUS5
Addr: 0x9F
STATUS4
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3
MOD_SAMPLE_
TRIGGER_ERROR
0R
Indicates that measured data is corrupted. For a
valid measurement, this bit must not be asserted.
This error condition does not trigger an interrupt,
however AEN and FDEN will be cleared and
SINT_MEASURMENT_SEQUENCER will be set.
Writing “1” clears this bit.
2
MOD_TRIGGER_
ERROR
0R
Indicates that WTIME is too short for the
programmed configuration (SAMPLE_TIME, ALS_
NR_SAMPLES, FD_NR_SMAPLES). This error
condition does not trigger an interrupt. Writing “1”
clears this bit.
1
SAI_ACTIVE
0
R
Sleep After Interrupt Active. Indicates that the
device is in sleep due to an interrupt. To exit sleep
mode, clear this bit by writing ‘1’ to CLEAR_SAI_
ACTIVE.
0INIT_BUSY
0
R
Initialization Busy. Indicates that the device is
initializing. This bit will remain 1 for about 300μs
after power on. Do not interact with the device until
initialization is complete (e.g. via I²C).
Addr: 0xA0
STATUS5
Bit
Field
Reset
Type
Bit Description
7:2
Reserved
0
1
SINT_MEASUREMENT_
SEQUENCER
0R/W
Indicates a measurement sequencer system interrupt in
case MOD_SAMPLE_TRIGGER_ERROR occurs or after
each sequencer step/round depending on the status of
MEASUREMENT_SEQUENCER_SIENT_PER_STEP. In
parallel SIEN_MEASUREMENT_SEQUENCER must be set.
Writing ‘1’ to this bit clears this interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com