Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2585 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 27Page - OSRAM GmbH TSL2585 Datasheet HTML 28Page - OSRAM GmbH TSL2585 Datasheet HTML 29Page - OSRAM GmbH TSL2585 Datasheet HTML 30Page - OSRAM GmbH TSL2585 Datasheet HTML 31Page - OSRAM GmbH TSL2585 Datasheet HTML 32Page - OSRAM GmbH TSL2585 Datasheet HTML 33Page - OSRAM GmbH TSL2585 Datasheet HTML 34Page - OSRAM GmbH TSL2585 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
Page 30
Datasheet, Public
Document Feedback
[v4-00] 2022-Dec-22
TSL2585 − Register O ver view
Note(s):
1. Return to the Register Map (0x93)
ALS_STATUS Register
Figure 34:
ALS_STATUS
Note(s):
1. Return to the Register Map (0x94).
1Reserved
0
0SINT
0
System Interrupt. If SIEN is set, indicates that one or more
of several events has occurred or is complete. The events
related to this interrupt are indicated in the STATUS5
register.
Addr: 0x94
ALS_STATUS
Bit
Field
Reset
Type
Bit Description
7:6
MEAS_SEQR_STEP
0
R
Contains the sequencer step where ALS data
was measured.
5
ALS_DATA0_ANALOG_
SATURATION_STATUS
0R
Indicates analog saturation of ALS data0 in
data registers ALS_ADATA0.
4
ALS_DATA1_ANALOG_
SATURATION_STATUS
0R
Indicates analog saturation of ALS data1 in
data registers ALS_ADATA1.
3
ALS_DATA2_ANALOG_
SATURATION_STATUS
0R
Indicates analog saturation of ALS data2 in
data registers ALS_ADATA2.
2
ALS_DATA0_SCALED_STATUS
0
R
Indicates if ALS data0 needs to be multiplied
if bit is set to,
0: 2^(ALS_SCALED)
1: 1
1
ALS_DATA1_SCALED_STATUS
0
R
Indicates if ALS data1 needs to be multiplied
if bit is set to,
0: 2^(ALS_SCALED)
1: 1
0
ALS_DATA2_SCALED_STATUS
0
R
Indicates if ALS data2 needs to be multiplied
if bit is set to,
0: 2^(ALS_SCALED)
1: 1
Addr: 0x93
STATUS
Bit
Field
Reset
Type
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com