Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2585 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 5Page - OSRAM GmbH TSL2585 Datasheet HTML 6Page - OSRAM GmbH TSL2585 Datasheet HTML 7Page - OSRAM GmbH TSL2585 Datasheet HTML 8Page - OSRAM GmbH TSL2585 Datasheet HTML 9Page - OSRAM GmbH TSL2585 Datasheet HTML 10Page - OSRAM GmbH TSL2585 Datasheet HTML 11Page - OSRAM GmbH TSL2585 Datasheet HTML 12Page - OSRAM GmbH TSL2585 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
Page 8
Datasheet, Public
Document Feedback
[v4-00] 2022-Dec-22
TSL2585 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 7:
Recommended Operating Conditions
Note(s):
1. While the device is operational across the temperature range, functionality will vary with temperature.
Figure 8:
Electrical Characteristics of TSL2585, VDD = 1.8V, TA = 25°C (unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
Comments
Electrical Parameters
VDD
Supply voltage
1.7
1.8
1.98
V
VDD/IO
I/O supply voltage
1.62
1.8
3.3
V
Temperature Ranges and Storage Conditions
TA
Operating free-air
temperature (1)
-30
25
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD;ALS
ALS supply current
Active ALS state (1)
(PON=AEN=1)
235
290
μA
IDD;IDLE
Idle current
Idle state (2)
(PON=1, AEN=0; FDEN=0)
60
IDD;SLEEP
Sleep current
Sleep state (3)
0.7
5
ILEAK
Leakage current
Measured on SDA, SCL, INT,
GPIO
-5
5
VOL
INT, SDA, GPIO output low
voltage
6mA sink current
0.4
V
VIH
SCL, SDA, VSYNC input high
voltage
1.26
VIL
SCL, SDA, VSYNC input low
voltage
0.54
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com