Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2585 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 3Page - OSRAM GmbH TSL2585 Datasheet HTML 4Page - OSRAM GmbH TSL2585 Datasheet HTML 5Page - OSRAM GmbH TSL2585 Datasheet HTML 6Page - OSRAM GmbH TSL2585 Datasheet HTML 7Page - OSRAM GmbH TSL2585 Datasheet HTML 8Page - OSRAM GmbH TSL2585 Datasheet HTML 9Page - OSRAM GmbH TSL2585 Datasheet HTML 10Page - OSRAM GmbH TSL2585 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
Page 6
Datasheet, Public
Document Feedback
[v4-00] 2022-Dec-22
TSL2585 − Optical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods. Device parameters are guaranteed
with VDD = 1.8V and TA = 25°C unless otherwise noted.
Figure 6:
ALS Characteristics of TSL2585, ALS Gain = 128x, Integration Time = 10ms (unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Dark ADC count value (1)
Ee = 0μW/cm
2
ALS gain: 512x
Integration time: 98ms
01
3
counts
ALS gain ratios (2)
0.5x
1/270.78
1/249.13
1/230.68
1x
1/133.17
1/123.85
1/115.74
2x
1/66.99
1/62.97
1/59.41
4x
1/33.39
1/31.72
1/30.21
8x
1/16.17
1/15.53
1/14.93
16x
1/8.30
1/7.97
1/7.66
32x
1/4.15
1/3.99
1/3.83
64x
1/2.09
1/2.01
1/1.93
256x
1.78
1.93
2.07
512x
3.42
3.80
4.18
1024x
6.16
7.42
8.68
2048x
10.26
14.06
17.86
4096x
11.41
25.35
39.29
ADC noise (3)
White LED, 2700K (4)
Integration time: 100ms
0.05
%
Photopic channel irradiance
responsivity
White LED, 2700K (4)
62.7
73.7
84.8
counts/
(μW/cm²)
Optical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com