Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2585 Datasheet(PDF) 70 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 70 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 66Page - OSRAM GmbH TSL2585 Datasheet HTML 67Page - OSRAM GmbH TSL2585 Datasheet HTML 68Page - OSRAM GmbH TSL2585 Datasheet HTML 69Page - OSRAM GmbH TSL2585 Datasheet HTML 70Page - OSRAM GmbH TSL2585 Datasheet HTML 71Page - OSRAM GmbH TSL2585 Datasheet HTML 72Page - OSRAM GmbH TSL2585 Datasheet HTML 73Page - OSRAM GmbH TSL2585 Datasheet HTML 74Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
Datasheet, Public
Page 69
[v4-00] 2022-Dec-22
Document Feedback
TSL2585 − Register Overview
FIFO_STATUS0 Register
Figure 90:
FIFO_STATUS0
1. Return to the Register Map (0xFD).
FIFO_STATUS1 Register
Figure 91:
FIFO_STATUS1
Note(s):
1. Return to the Register Map (0xFE).
Addr: 0xFD
FIFO_STATUS0
Bit
Field
Reset
Type
Bit Description
7:0
FIFO_LVL[9:2]
0
R
FIFO Level.
Indicates the number of bytes in FIFO. The FIFO size
is 512byte, thus FIFO_LVL ranges between 0 (empty)
and 512 (full).
Always read FIFO_STATUS0 first and then FIFO_
STATUS1 to get correct FIFO_LVL and the status
information.
Addr: 0xFE
FIFO_STATUS1
Bit
Field
Reset
Type
Bit Description
7
FIFO_OVERFLOW
0
R
If set to “1” a FIFO overflow has occurred and data
for the FIFO was lost (e.g. reading from FIFO was too
slow). This flag is cleared by PON and FIFO_CLR.
Always check this flag before and after reading the
FIFO.
6FIFO_UNDERFLOW
0
R
If set to “1” the FIFO was read out too often and has
returned 0 at least once. In such case the read-out
data may not consistent anymore. This flag is
cleared by PON and FIFO_CLR. Always check this
flag before and after reading the FIFO.
5:2
Reserved
0
1:0
FIFO_LVL[1:0]
0
R
See FIFO_STATUS0 for description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com