Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2672 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TSL2672
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2672 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TSL2672 Datasheet HTML 3Page - OSRAM GmbH TSL2672 Datasheet HTML 4Page - OSRAM GmbH TSL2672 Datasheet HTML 5Page - OSRAM GmbH TSL2672 Datasheet HTML 6Page - OSRAM GmbH TSL2672 Datasheet HTML 7Page - OSRAM GmbH TSL2672 Datasheet HTML 8Page - OSRAM GmbH TSL2672 Datasheet HTML 9Page - OSRAM GmbH TSL2672 Datasheet HTML 10Page - OSRAM GmbH TSL2672 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-01] 2019-Nov-20
TSL2672 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or
any other conditions beyond those indicated under
Recommended Operating Conditions is not implied. Exposure
to absolute-maximum-rated conditions for extended periods
may affect device reliability.
Figure 5:
Absolute Maximum Ratings Over Operating Free-Air Temperature Range (unless otherwise noted)
Note(s):
1. All voltages are with respect to GND.
Figure 6:
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VDD
(1)
Supply voltage
3.8
V
Input terminal voltage
-0.5
3.8
V
Output terminal voltage (except LDR)
-0.5
3.8
V
Output terminal voltage (LDR)
5
V
Output terminal current (except LDR)
-1
20
mA
Tstg
Storage temperature range
-40
85
°C
ESDHBM
ESD tolerance, human body model
±2000
V
Symbol
Parameter
Conditions
Min
Nom
Max
Unit
VDD
Supply voltage
(TSL26721 & TSL26725) (I²C Vbus = VDD)
2.4
3
3.6
V
VDD
Supply voltage
(TSL26723 & TSL26727) (I²C Vbus = 1.8 V)
2.7
3
3.6
V
VLDR
LED driver
voltage
LDR pulse ON
0
3.6
V
LDR pulse OFF
0
4.8
TA
Operating
free-air
temperature
-30
70
°C
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com