Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2672 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TSL2672
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2672 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TSL2672 Datasheet HTML 25Page - OSRAM GmbH TSL2672 Datasheet HTML 26Page - OSRAM GmbH TSL2672 Datasheet HTML 27Page - OSRAM GmbH TSL2672 Datasheet HTML 28Page - OSRAM GmbH TSL2672 Datasheet HTML 29Page - OSRAM GmbH TSL2672 Datasheet HTML 30Page - OSRAM GmbH TSL2672 Datasheet HTML 31Page - OSRAM GmbH TSL2672 Datasheet HTML 32Page - OSRAM GmbH TSL2672 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-01] 2019-Nov-20
TSL2672 − Principles O f Operation
Interrupt Persistence Filter Register (0x0C)
The interrupt persistence filter sets the number of consecutive
proximity cycles that are out-of-range before an interrupt is
generated. Out-of-range is determined by the proximity
interrupt threshold registers (0x08 through 0x0B). See
Interrupts in the Principles Of Operation section for further
information. Upon power up, the interrupt persistence filter
register resets to 0x00, which will generate an interrupt at the
end of each proximity cycle.
Figure 33:
Interrupt Persistence Filter Register
76
5
4
3
2
1
0
PPERS
Reserved
Field
Bits
Description
PPERS
7:4
Proximity persistence. Controls rate of proximity interrupt to the host processor
FIELD VALUE
INTERRUPT PERSISTENCE FUNCTION
0000
Every proximity cycle generates an interrupt
0001
1 proximity value out of range
0010
2 consecutive proximity values out of range
...
...
1111
15 consecutive proximity values out of range
Reserved
3:0
Reserved. Write as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com