Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2672 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # TSL2672
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2672 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button TSL2672 Datasheet HTML 13Page - OSRAM GmbH TSL2672 Datasheet HTML 14Page - OSRAM GmbH TSL2672 Datasheet HTML 15Page - OSRAM GmbH TSL2672 Datasheet HTML 16Page - OSRAM GmbH TSL2672 Datasheet HTML 17Page - OSRAM GmbH TSL2672 Datasheet HTML 18Page - OSRAM GmbH TSL2672 Datasheet HTML 19Page - OSRAM GmbH TSL2672 Datasheet HTML 20Page - OSRAM GmbH TSL2672 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-01] 2019-Nov-20
Proximity Detection
Proximity detection is accomplished by measuring the amount
of light energy, generally from an IR LED, reflected off an object
to determine its distance. The proximity light source, which is
external to the TSL2672 device, is driven by the integrated
proximity LED current driver as shown in Figure 20.
Figure 20:
Proximity Detection
The LED current driver, output on the LDR terminal, provides a
regulated current sink that eliminates the need for an external
current limiting resistor. The combination of proximity LED
drive strength (PDRIVE) and proximity drive level (PDL)
determine the drive current. PDRIVE sets the drive current to
120 mA, 60 mA, 30 mA, or 15 mA when PDL is not asserted.
However, when PDL is asserted, the drive current is reduced by
a factor of about 8 at VLDR = 1.6 V. To drive an external light
source with more than 120 mA or to minimize ON-chip ground
bounce, LDR can be used to drive an external p-type transistor,
which in turn drives the light source.
Referring to the Detailed State Machine figure, the LED current
driver pulses the external IR LED as shown in Figure 21 during
the Prox Accum state. Figure 21 also illustrates that the LED ON
pulse has a fixed width of 7.3
μs and period of 16.0 μs. So, in
addition to setting the proximity drive current, 1 to 255
proximity pulses (PPULSE) can be programmed. When deciding
CH1
Prox
Integration
Prox Control
Prox
ADC
Prox LED
Current Driver
CH0
PDATAH(r0x019)
PDRIVE(r0x0F, b7:6)
Prox
Data
External IR
LED
PTIME(r0x02)
PVALID(r0x13, b1)
VDD
PDL(r0x0D,b0)
PPULSE(r0x0E)
PGAIN(r0x0F, b3:2)
POFFSET(r0x1E)
PSAT(r0x13, b6)
PDIODE(r0x0F, b5:4)
Background Energy
PDATAL(r0x018)
LDR
Object



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com