Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2672 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TSL2672
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2672 Datasheet(HTML) 2 Page - OSRAM GmbH

  TSL2672 Datasheet HTML 1Page - OSRAM GmbH TSL2672 Datasheet HTML 2Page - OSRAM GmbH TSL2672 Datasheet HTML 3Page - OSRAM GmbH TSL2672 Datasheet HTML 4Page - OSRAM GmbH TSL2672 Datasheet HTML 5Page - OSRAM GmbH TSL2672 Datasheet HTML 6Page - OSRAM GmbH TSL2672 Datasheet HTML 7Page - OSRAM GmbH TSL2672 Datasheet HTML 8Page - OSRAM GmbH TSL2672 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
ams Datasheet
Page 1
[v1-01] 2019-Nov-20
Document Feedback
TSL2672
Digital Proximity Detector
The TSL2672 family of devices provides proximity detection
when coupled with an external IR LED. The devices incorporate
a constant-current LED sink driver to pulse the external IR LED
and achieve very low average power consumption using the
low-power wait state with programmable wait time between
proximity measurements. In addition, the devices are
register-set and pin-compatible with the TSL2671 series and
include a number of new and improved features, such as
improved signal-to-noise and measurement accuracy. A
proximity offset register allows compensation for optical
system crosstalk between the IR LED and the sensor. To prevent
false measurements, a proximity saturation bit indicates that
the internal analog circuitry saturated. Interrupts have been
enhanced with the addition of a sleep-after-interrupt feature
that also allows for single-cycle operation.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TSL2672, Digital Proximity Detector
are listed below:
Figure 1:
Added Value Of Using TSL2672
• Proximity Detection with an Integrated LED Driver in a
Single Device
• Register Set- and Pin-Compatible with the TSL2x71 Series
• Proximity Detection
• Reduced Proximity Count Variation
• Programmable Offset Control Register
•Saturation Indicator
• Programmable Analog Gain and Integration Time
• Current Sink Driver for External IR LED
• 16,000:1 Dynamic Range
Benefits
Features
• Enables Operation in IR Light Environments
• Patented Dual-Diode Architecture
• Eliminates IR LED System Cross Talk
• Programmable Proximity Offset Adjustment
• Prevents False Proximity Detection in Bright Light
• Proximity Saturation Indicator Bit
• Allows Multiple Power-level Selection without
External Passives
• Programmable LED Drive Current
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com