Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2672 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # TSL2672
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2672 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button TSL2672 Datasheet HTML 10Page - OSRAM GmbH TSL2672 Datasheet HTML 11Page - OSRAM GmbH TSL2672 Datasheet HTML 12Page - OSRAM GmbH TSL2672 Datasheet HTML 13Page - OSRAM GmbH TSL2672 Datasheet HTML 14Page - OSRAM GmbH TSL2672 Datasheet HTML 15Page - OSRAM GmbH TSL2672 Datasheet HTML 16Page - OSRAM GmbH TSL2672 Datasheet HTML 17Page - OSRAM GmbH TSL2672 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
ams Datasheet
Page 13
[v1-01] 2019-Nov-20
Document Feedback
TSL2672 − Typical Characteristics
Figure 16:
Response to White LED vs. Temperature
Figure 17:
Response to IR (850 nm) LED vs. Temperature
Ch 1
Ch 0
90%
95%
100%
105%
115%
010
20
30
40
50
60
70
110%
Temperature −
°C
Ch 0
Ch 1
90%
95%
100%
105%
115%
010
20
30
40
50
60
70
110%
Temperature −
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com