Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2672 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TSL2672
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2672 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TSL2672 Datasheet HTML 12Page - OSRAM GmbH TSL2672 Datasheet HTML 13Page - OSRAM GmbH TSL2672 Datasheet HTML 14Page - OSRAM GmbH TSL2672 Datasheet HTML 15Page - OSRAM GmbH TSL2672 Datasheet HTML 16Page - OSRAM GmbH TSL2672 Datasheet HTML 17Page - OSRAM GmbH TSL2672 Datasheet HTML 18Page - OSRAM GmbH TSL2672 Datasheet HTML 19Page - OSRAM GmbH TSL2672 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
ams Datasheet
Page 15
[v1-01] 2019-Nov-20
Document Feedback
TSL2672 − Principles Of Operation
System States
An internal state machine provides system control of the
proximity detection and power management features of the
device. At power up, an internal power-ON-reset initializes the
device and puts it in a low-power Sleep state.
When a start condition is detected on the I²C bus, the device
transitions to the Idle state where it checks the Enable register
(0x00) PON bit. If PON is disabled, the device will return to the
Sleep state to save power. Otherwise, the device will remain in
the Idle state until the proximity function is enabled. Once
enabled, the device will execute the Prox and Wait states in
sequence as indicated in Figure 19. Upon completion and
return to Idle, the device will automatically begin a new
prox-wait cycle as long as PON and PEN remain enabled.
If the Prox function generates an interrupt and the
Sleep-After-Interrupt (SAI) feature is enabled, the device will
transition to the Sleep state and remain in a low-power mode
until an I²C command is received. See the Interrupts section for
additional information.
Figure 19:
Simplified State Diagram
Principles Of Operation
PEN
Sleep
Idle
Wait
Prox
I2C
Start
!PON
INT & SAI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com