Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2672 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TSL2672
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2672 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TSL2672 Datasheet HTML 21Page - OSRAM GmbH TSL2672 Datasheet HTML 22Page - OSRAM GmbH TSL2672 Datasheet HTML 23Page - OSRAM GmbH TSL2672 Datasheet HTML 24Page - OSRAM GmbH TSL2672 Datasheet HTML 25Page - OSRAM GmbH TSL2672 Datasheet HTML 26Page - OSRAM GmbH TSL2672 Datasheet HTML 27Page - OSRAM GmbH TSL2672 Datasheet HTML 28Page - OSRAM GmbH TSL2672 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-01] 2019-Nov-20
TSL2672 − Principles O f Operation
Register Set
The device is controlled and monitored by data registers and a
command register accessed through the serial interface. These
registers provide for a variety of control functions and can be
read to determine results of the ADC conversions. The register
set is summarized in Figure 27.
Figure 27:
Register Address
The mechanics of accessing a specific register depends on the
specific protocol used. See the section on I²C Protocol on the
previous pages. In general, the COMMAND register is written
first to specify the specific control-status-data register for
subsequent read/write operations.
Address
Register Name
R/W
Register Function
Reset Value
−−
COMMAND
W
Specifies register address
0x00
0x00
ENABLE
R/W
Enables states and interrupts
0x00
0x02
PTIME
R/W
Proximity ADC time
0xFF
0x03
WTIME
R/W
Wait time
0xFF
0x08
PILTL
R/W
Proximity interrupt low threshold low
byte
0x00
0x09
PILTH
R/W
Proximity interrupt low threshold high
byte
0x00
0x0A
PIHTL
R/W
Proximity interrupt high threshold low
byte
0x00
0x0B
PIHTH
R/W
Proximity interrupt high threshold
high byte
0x00
0x0C
PERS
R/W
Interrupt persistence filters
0x00
0x0D
CONFIG
R/W
Configuration
0x00
0x0E
PPULSE
R/W
Proximity pulse count
0x00
0x0F
CONTROL
R/W
Control register
0x00
0x12
ID
R
Device ID
ID
0x13
STATUS
R
Device status
0x00
0x18
PDATAL
R
Proximity data low byte
0x00
0x19
PDATAH
R
Proximity data high byte
0x00
0x1E
POFFSET
R/W
Proximity Offset register
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com