Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2672 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TSL2672
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2672 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TSL2672 Datasheet HTML 22Page - OSRAM GmbH TSL2672 Datasheet HTML 23Page - OSRAM GmbH TSL2672 Datasheet HTML 24Page - OSRAM GmbH TSL2672 Datasheet HTML 25Page - OSRAM GmbH TSL2672 Datasheet HTML 26Page - OSRAM GmbH TSL2672 Datasheet HTML 27Page - OSRAM GmbH TSL2672 Datasheet HTML 28Page - OSRAM GmbH TSL2672 Datasheet HTML 29Page - OSRAM GmbH TSL2672 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
ams Datasheet
Page 25
[v1-01] 2019-Nov-20
Document Feedback
TSL2672 − Principles Of Operation
Command Register
The command register specifies the address of the target
register for future read and write operations, as well as issues
special function commands.
Figure 28:
Command Register
76
5
4
3
2
1
0
CMD
TYPE
ADDR/SF
Field
Bits
Description
CMD
7
Select Command Register. Must write as 1 when addressing COMMAND register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
FIELD VALUE
DESCRIPTION
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved — Do not use
11
Special function — See description below
Transaction type 00 will repeatedly read the same register with each data access.
Transaction type 01 will provide an auto-increment function to read successive register
bytes.
ADDR/SF
4:0
Address field/special function field. Depending on the transaction type, see above, this
field either specifies a special function command or selects the specific
control-status-data register for subsequent read and write transactions. The field values
listed below apply only to special function commands:
FIELD VALUE
DESCRIPTION
00100
Interrupt set — forces an interrupt
00101
Proximity interrupt clear
other
Reserved — Do not write
The interrupt set special function command sets the interrupt bits in the status register
(0x13). For the interrupt to be visible on the INT pin, the proximity interrupt enable bit
(PIEN) in the enable register (0x00) must be asserted.
The interrupt set special function must be cleared with an interrupt clear special function.
The proximity interrupt clear special function clears any pending interrupt and is self
clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com