Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2672 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TSL2672
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2672 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TSL2672 Datasheet HTML 23Page - OSRAM GmbH TSL2672 Datasheet HTML 24Page - OSRAM GmbH TSL2672 Datasheet HTML 25Page - OSRAM GmbH TSL2672 Datasheet HTML 26Page - OSRAM GmbH TSL2672 Datasheet HTML 27Page - OSRAM GmbH TSL2672 Datasheet HTML 28Page - OSRAM GmbH TSL2672 Datasheet HTML 29Page - OSRAM GmbH TSL2672 Datasheet HTML 30Page - OSRAM GmbH TSL2672 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-01] 2019-Nov-20
TSL2672 − Principles O f Operation
Enable Register (0x00)
The ENABLE register is used to power the device ON/OFF, enable
functions, and interrupts.
Figure 29:
Enable Register
Proximity Time Register (0x02)
The proximity timing register controls the integration time of
the proximity ADC in 2.73 ms increments. Upon power up, the
proximity time register is set to 0xFF. It is recommended that
this register be programmed to a value of 0xFF (1 integration
cycle).
Figure 30:
Proximity Integration Time Control Register
76
5
4
3
2
1
0
Reserved
SAI
PIEN
Reserved
WEN
PEN
Reserved
PON
Field
Bits
Description
Reserved
7
Reserved. Write as 0.
SAI
6
Sleep after interrupt. When asserted, the device will power down at the end of a
proximity cycle if an interrupt has been generated
PIEN
5
Proximity interrupt enable. When enabled, the proximity interrupt drives the INT pin.
When disabled, the interrupt is masked from the INT pin, but remains visible in the
Status register (0x13).
Reserved
4
Reserved. Write as 0.
WEN
3
Wait enable. This bit activates the wait feature. Writing a 1 activates the wait timer.
Writing a 0 disables the wait timer.
PEN
2
Proximity enable. This bit activates the proximity function. Writing a 1 enables
proximity. Writing a 0 disables proximity.
Reserved
1
Reserved. Write as 0.
PON
0
Power ON. This bit activates the internal oscillator to permit the timers and ADC
channel to operate. Writing a 1 activates the oscillator. Writing a 0 disables the
oscillator.
Field
Bits
Description
PTIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.73 ms
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com