Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003FUD Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SL2S3003FUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003FUD Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SL2S3003FUD Datasheet HTML 18Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 19Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 20Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 21Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 22Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 23Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 24Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 25Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Bit number
0
1
2
3
4
5
6
7
OTP_DSFID_
LOCK
OTP_
LOCKBITS_
LOCK
OTP_AFI_
PWD_EN
OTP_
COUNTER_
PRESET_DIS
RFU
Table 26. OTP_LOCK2 byte
Field
Bit
Values at
Delivery
Description
OTP_DSFID_
LOCK
1
0h
Defines the write access of the DSFID byte in configuration memory block 16:
0b ... DSFID byte is not write locked
1b ... DSFID byte is locked. The DSFID byte can also be locked with the LOCK
DSFID command (see Section 8.5.2.10).
OTP_
LOCKBITS_
LOCK
1
0h
Defines if internal block lock bits can be set with the LOCK BLOCK command:
0b ... LOCK BLOCK command is enabled
1b ... LOCK BLOCK command is disabled
OTP_AFI_PWD_
EN
1
0h
Defines if the AFI Password Protection is enabled:
0b ... AFI Password Protection is disabled
1b ... AFI Password Protection is enabled. The AFI password protection can
also be enabled with the PASSWORD PROTECT EAS/AFI command (see
Section 8.5.3.16).
Note: To avoid unauthorized change of the AFI, lock or password protect the AFI.
OTP_
COUNTER_
PRESET_DIS
1
0h
Defines if the Counter Preset is disabled:
0b ... Counter Preset is enabled
1b ... Counter Preset is disabled
Note: If this functionality is not needed, disable the counter preset
(recommendation).
Table 27. OTP_LOCK2 byte configuration parameter descriptions
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
22 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com