Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003FUD Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SL2S3003FUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003FUD Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SL2S3003FUD Datasheet HTML 8Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 9Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 10Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 11Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 12Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 13Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 14Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 15Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.2 Memory organization
The 2432-bit user-accessible EEPROM memory is divided into 76 blocks. The block is the smallest access unit.
Each block consists of 4 bytes or 32 bits. Bit 0 in each byte represents the least significant bit (LSB) and bit 7 is
the most significant bit (MSB).
The entire memory is divided into two parts:
• User memory
– The blocks 0 to 74 (2400 bits) are used to store the user data. Direct read/write access to this part of the
memory is possible depending on the security and write protection conditions. The user memory can be
accessed with the READ and WRITE commands.
– The last block of the user memory (block 75) contains the 24-bit counter and the password protection flag of
the counter.
• Configuration memory
– This part of the memory stores the information to configure the ICODE 3. The configuration memory can be
accessed with the READ CONFIG and WRITE CONFIG commands.
Block
Byte 0
Byte 1
Byte 2
Byte 3
Description
0
1
2
3
:
:
:
:
:
72
73
74
User memory:
75 blocks,
4 bytes each,
300 bytes in total.
75
C0
C1
C2
PROT
Counter
Table 4. User memory organization
Note: Block 75 contains the 24-bit counter and cannot be used to store user data. READ and WRITE
commands to that block require special data considerations (refer to Section 8.5.3.25).
Block
Byte 0
Byte 1
Byte 2
Byte 3
Description
0
1
2
3
:
:
:
:
:
44
45
46
47
Configuration memory:
48 blocks,
4 bytes each,
192 bytes in total.
48 - 127
RFU
RFU
RFU
RFU
Reserved configuration memory
Table 5. Configuration memory organization
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
12 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com