Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003FUD Datasheet(PDF) 57 Page - NXP Semiconductors

Part # SL2S3003FUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003FUD Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button SL2S3003FUD Datasheet HTML 53Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 54Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 55Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 56Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 57Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 58Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 59Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 60Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.16 PASSWORD PROTECT EAS/AFI
Command code = A6h
The PASSWORD PROTECT EAS/AFI command enables the password protection for EAS and/or AFI. The
EAS/AFI password must be transmitted first with the SET PASSWORD command.
Option flag set to logic 0: EAS is password protected.
Option flag set to logic 1: AFI is password protected.
Both password protections (AFI and EAS) can be enabled separately.
Note: Independent of the Option flag, the write-alike command is executed like a write command with Option
flag 0. That is, option flag not set.
Once the EAS/AFI password protection is enabled, it is not possible to change back to unprotected EAS and/or
AFI.
The timing of the command is write alike (as write command with Option flag 0).
The password protection for EAS and/or AFI can be enabled also with a WRITE CONFIG command to set the
following bits set to 1 in the configuration memory:
OTP_EAS_PWD_EN bit in block 29: EAS is password protected.
OTP_AFI_PWD_EN bit in block 28: AFI is password protected.
Note: To avoid the unauthorized change of the EAS and AFI settings, password protect the EAS and AFI
functionality.
SOF
Flags
PASSWORD PROTECT
EAS/AFI
IC Mfg code
UID
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits optional
16 bits
-
Table 102. PASSWORD PROTECT EAS/AFI request format
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 103. PASSWORD PROTECT EAS/AFI response format when Error_flag set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
Table 104. PASSWORD PROTECT EAS/AFI response format when Error_flag NOT set
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
57 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com