Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003FUD Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SL2S3003FUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003FUD Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SL2S3003FUD Datasheet HTML 26Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 27Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 28Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 29Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 30Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 31Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 32Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 33Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.2.3.2 TagTamper feature (SL2S3003TT)
The TagTamper feature in SL2S3003TT enables the label IC to detect if the TagTamper wire is open or closed at
the start-up of the IC.
When detecting an open TagTamper wire after the label IC tag is powered by an RF field, the status is actual
TagTamper. If the OTP_TT_EN bit (see Table 33) is set, the event is stored permanently in the IC.
During the tag initialization, the user programs the 4-byte TagTamper message into TT_OPEN_MSG
configuration block 47h. If the TT_LOCK bit is set to 1:
• If the TagTamper open event has not been detected, the TT_OPEN_MSG bytes are masked with 00h at
READ CONFIG command, or
• If the TagTamper open event has been detected and stored earlier, the programmed TT_OPEN_MSG bytes
respond to a READ CONFIG command.
The TagTamper status can be read with:
• READ TT STATUS command, or
• TagTamper ASCII mirror feature.
If the TagTamper wire has never been detected as open at start-up:
• The READ TT command responds with actual and stored TagTamper status closed depending on the
TT_SHOW_STATUS bits.
• If the TagTamper ASCII mirror is enabled, the original programmed user memory content is read at that
position.
Once the TagTamper wire has been detected as open at start-up:
• The IC stores permanently the information about the open TagTamper wire if the OTP_TT_EN is enabled.
• On a READ TT command, the IC responds with the actual and stored TagTamper status as open.
• If the TagTamper ASCII mirror is enabled, the programmed TT_OPEN_MSG is mirrored in ASCII to the
defined position in the user memory (see Section 8.2.3.3).
Parameters for the detection of open or closed TagTamper wire connected to DP and GND pad are specified in
Section 10.2.
Note: To avoid interferences induced by the RF field during the measurement of the TagTamper, keep the area
covered by the TagTamper wire connected to DP and GND as small as possible. The area must not be larger
than 2.5 cm2 depending on the RF field strength used in the application under the worst case conditions.
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
30 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com