Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003FUD Datasheet(PDF) 69 Page - NXP Semiconductors

Part # SL2S3003FUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003FUD Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button SL2S3003FUD Datasheet HTML 65Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 66Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 67Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 68Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 69Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 70Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 71Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 72Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.6 Error handling
8.6.1 Transmission errors
In compliance with ISO/IEC 15693[1], the label IC does not respond if a transmission error is detected.
Examples of transmission errors are CRC, bit coding, bit count, or wrong framing. The device waits for the next
correct received command.
8.6.2 Commands not supported or options
If the received command or option is not supported, the behavior of the label IC depends on the addressing
mechanism.
8.6.2.1 Non-addressed Mode
The label IC remains silent.
8.6.2.2 Addressed or Selected Mode
In addressed mode or in selected mode, the label IC responds with the error code "0Fh" (error with no
information given or error code is not supported).
If the Inventory flag or the Protocol Extension flag is set, the label IC does not respond if the command or option
is not supported.
8.6.3 Parameter out of range
8.6.3.1 Read commands
If the sum of the first block number and the number of blocks exceeds the total number of available user blocks,
the number of transmitted blocks is less than the requested number of blocks. The last returned block is the
highest available user block, followed by the 16-bit CRC and the EOF.
8.6.3.2 Write and lock commands
If the address of a block to be written does not exist, or if a block to be written is locked, the behavior of the
label IC depends on the addressing mechanism.
Non-addressed Mode
• The label IC remains silent and aborts the command without writing anything.
Addressed Mode or Selected Mode
• The addressed or selected label IC responds with the error code "0Fh" (error with no information given or
error code is not supported).
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
69 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com