Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003FUD Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SL2S3003FUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003FUD Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SL2S3003FUD Datasheet HTML 19Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 20Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 21Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 22Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 23Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 24Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 25Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 26Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Bit number
0
1
2
3
4
5
6
7
OTP_EAS_
PWD_EN
OTP_
EASAFI_
PWD_LOCK
OTP_
CONFIG_
LOCK
OTP_
CONFIG_
PWD_LOCK
RFU
Table 28. OTP_LOCK3 byte
Field
Bit
Values at
Delivery
Description
OTP_EAS_
PWD_EN
1
0h
Defines if the EAS Password Protection is enabled:
0b ... EAS Password Protection is disabled
1b ... EAS Password Protection is enabled. The EAS password protection can
also be enabled with the PASSWORD PROTECT EAS/AFI command (see
Section 8.5.3.16).
Note: To avoid unauthorized change of EAS, lock or password protect the EAS
functionality (recommendation).
OTP_EASAFI_
PWD_LOCK
1
0h
Defines the write access of the EAS/AFI Password in configuration memory block
46:
0b ... EAS/AFI Password is not write locked
1b ... EAS/AFI Password is locked. The EAS/AFI password can also be locked
with the LOCK PASSWORD command (see Section 8.5.3.4).
OTP_CONFIG_
LOCK
1
0h
Defines the write access to the configuration memory with the WRITE_CONFIG
command:
0b ... Configuration memory access with WRITE_CONFIG command is enabled
1b ... Configuration memory access with WRITE_CONFIG command is disabled.
Settings within the configuration memory can still be changed with other
commands, depending on the related access conditions
Note: If no further changes need to be set with the WRITE CONFIG command,
write lock the configuration memory at the end of the initialization of the IC. If
the configuration memory cannot be locked because changes are needed in the
application, program and activate the configuration memory password with the
OTP_CONFIG_PWD _EN (see Table 30).
OTP_CONFIG_
PWD_LOCK
1
0h
Defines the write access of the Config Password in configuration memory block
41:
0b ... CONFIG Password is not write locked
1b ... CONFIG Password is locked. The Config password can also be locked with
the LOCK PASSWORD command (see Section 8.5.3.4).
Table 29. OTP_LOCK3 byte configuration parameter descriptions
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
23 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com