Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003FUD Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SL2S3003FUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003FUD Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SL2S3003FUD Datasheet HTML 32Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 33Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 34Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 35Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 36Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 37Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 38Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 39Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.2.8 LOCK AFI
As defined in ISO/IEC 15693-3.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
Note:
1. The command can be password protected. Refer to Section 8.5.3.16 "PASSWORD PROTECT EAS/AFI".
2. To lock the AFI, you can set the OTP_AFI_LOCK bit to 1 with the WRITE CONFIG command to block 30 of
the configuration memory. Refer to Table 9.
3. To avoid unauthorized change of the AFI, lock or password protect the AFI.
8.5.2.9 WRITE DSFID
As defined in ISO/IEC 15693-3.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
The DSFID can also be written by a WRITE CONFIG command to block 16 of the configuration memory
containing the DSFID. Refer to Table 9.
Also, the WRITE CONFIG command to block 16 of the configuration memory can write DSFID. Refer to Table 9.
8.5.2.10 LOCK DSFID
As defined in ISO/IEC 15693-3.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
Also, setting the OTP_DSFID_LOCK bit to 1 with the WRITE CONFIG command to block 28 of the configuration
memory can lock the DSFID. See Table 9 and Table 26.
8.5.2.11 GET SYSTEM INFORMATION
As defined in ISO/IEC 15693-3.
The TAG type of the ICODE 3 IC is "01h".
8.5.2.12 GET MULTIPLE BLOCK SECURITY STATUS
As defined in ISO/IEC 15693-3.
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
36 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com