Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003FUD Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SL2S3003FUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003FUD Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SL2S3003FUD Datasheet HTML 20Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 21Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 22Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 23Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 24Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 25Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 26Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 27Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Bit number
0
1
2
3
4
5
6
7
OTP_
CONFIG_
PWD_EN
RFU
OTP_AFI_
LOCK
OTP_EAS_
LOCK
RFU
Table 30. OTP_LOCK4 byte
Field
Bit
Values at
Delivery
Description
OTP_CONFIG_
PWD_EN
1
0h
Defines if the write access with the WRITE CONFIG command is password
protected with the CFG_PWD password. Access to the configuration memory
always depends on related lock options:
0b ... Write access to the configuration memory is possible without password
authentication
1b ... Write access to the configuration memory is only possible with a valid
previous password authentication with the CF_PWD password
Note: If changes with the WRITE CONFIG command are required in the
application, program and activate the configuration memory password with the
OTP_CONFIG_PWD _EN after the IC initialization. In case no further changes
are required, use WRITE_CONFIG command to lock the write access to the
configuration memory with the OTP_CONFIG_ LOCK bit. See Table 28.
OTP_AFI_LOCK 1
0h
Defines if the AFI in block 17 is write locked:
0b ... AFI is not write locked
1b ... AFI is write locked. The AFI can also be locked with the LOCK AFI
command (see Section 8.5.2.8)
Note: To avoid unauthorized change of the AFI, lock or password protect the AFI.
OTP_EAS_
LOCK
1
0h
Defines if the current state of the EAS mode and the EAS ID is locked:
0b ... EAS mode and EAS_ID are not locked
1b ... EAS mode and EAS_ID are locked. EAS mode and EAS_ID can also be
locked with the LOCK EAS command (see Section 8.5.3.14).
Note: To avoid unauthorized change of EAS, password protect the EAS
functionality.
Table 31. OTP_LOCK4 byte configuration parameter descriptions
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
24 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com