Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003FUD Datasheet(PDF) 67 Page - NXP Semiconductors

Part # SL2S3003FUD
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003FUD Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button SL2S3003FUD Datasheet HTML 63Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 64Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 65Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 66Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 67Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 68Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 69Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 70Page - NXP Semiconductors SL2S3003FUD Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.25 24-bit counter
Block 75 of the user memory contains the 24-bit counter. The block can be accessed with the standard READ
and WRITE commands but special data considerations are required.
The standard password protection mechanisms for the user memory are not valid for block 75.
The 24-bit counter (block 75) can be:
• Read.
• Increased by one with the option of read password protection.
• Preset to the initial start value with the write password protection.
The counter can be read with any read command including block 75. The 4-byte data from block 75 provide the
following information:
Byte
Name
Value
Description
0
C0
0x00 - 0xFF
LSB of the counter value
1
C1
0x00 - 0xFF
—
2
C2
0x00 - 0xFF
MSB of the counter value
0x00
Incrementing of the counter value is not password protected
3
PROT
0x01
Incrementing of the counter value is protect with the read password
Table 132. COUNTER BLOCK data structure
The counter can be preset to a start value with a WRITE SINGLE BLOCK command to block 75. As the counter
preset is password protected with the write password, a SET PASSWORD command with the write password is
required before executing the Preset (refer to Section 8.5.3.2 "SET PASSWORD").
The PROT byte (data byte 3) value defines whether the password protection to increment the counter is
enabled or disabled. If the password protection is enabled, the read password is required to increment the
counter value.
The data for the WRITE SINGLE BLOCK command to preset the counter are defined in Table 133.
Note: The Preset counter value of 0x0001 is not possible. A WRITE SINGLE BLOCK command with 0x0001
value only increments the counter.
Byte
Name
Value
Description
0
C0
0x00, 0x02 - 0xFF
LSB of the counter value
1
C1
0x00 - 0xFF
—
2
C2
0x00 - 0xFF
MSB of the counter value
0x00
Disable the password protection to increment the counter
3
PROT
0x01
Enable the password protection to increment the counter with read
password
Table 133. Preset counter data structure
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
67 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com