Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13192 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 13192 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 24Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Packaging Information
MC13192 Technical Data, Rev. 3.2
Freescale Semiconductor
23
9
Packaging Information
Figure 12. Outline Dimensions for QFN-32, 5x5 mm
(Case 1311-03, Issue E)
N
EXPOSED DIE
ATTACH PAD
2.95
25
8
1
32
3.25
32X
0.18
0.30
24
17
16
9
0.5
M
0.1
C
M
0.05
C
A
B
32X
0.5
0.3
C
0.1
A
B
C
0.1
A
B
VIEW M-M
0.25
28X
DETAIL M
PIN 1 INDEX
2.95
3.25
PIN 1
INDEX AREA
5
B
C
0.1
2X
2X
C
0.1
A
5
G
M
M
1.0
1.00
0.05
C
0.1
C
0.05
C
SEATING PLANE
5
DETAIL G
VIEW ROTATED 90° CLOCKWISE
(0.5)
(0.25)
0.8
0.75
0.00
(1.73)
(0.25)
0.065
32X
0.015
(45 )5
4
PREFERRED CORNER CONFIGURATION
DETAIL N
0.60
0.24
0.60
0.24
4
DETAIL N
CORNER CONFIGURATION OPTION
DETAIL T
DETAIL M
BACKSIDE PIN 1 INDEX OPTION
DETAIL T
BACKSIDE PIN 1 INDEX OPTION
(90 )
2X
2X 0.39
0.31
0.1
0.0
DETAIL M
BACKSIDE PIN 1 INDEX OPTION
1.6
0.475
0.425
1.5
BACKSIDE
PIN 1 INDEX
0.25
0.15
R
DETAIL S
DETAIL M
PREFERRED BACKSIDE PIN 1 INDEX
0.217
0.137
(0.25)
0.217
0.137
(0.1)
DETAIL S
PREFERRED BACKSIDE PIN 1 INDEX
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
3. THE COMPLETE JEDEC DESIGNATOR FOR THIS
PACKAGE IS: HF-PQFP-N.
4. CORNER CHAMFER MAY NOT BE PRESENT.
DIMENSIONS OF OPTIONAL FEATURES ARE FOR
REFERENCE ONLY.
5. COPLANARITY APPLIES TO LEADS, CORNER
LEADS, AND DIE ATTACH PAD.
6. FOR ANVIL SINGULATED QFN PACKAGES,
MAXIMUM DRAFT ANGLE IS 12°.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com