Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13192 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  13192 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Features
MC13192 Technical Data, Rev. 3.2
2
Freescale Semiconductor
For more detailed information about MC13192 operation, refer to the MC13192 Reference Manual,
(MC13192RM).
Applications include, but are not limited to, the following:
•
Remote control and wire replacement in industrial systems such as wireless sensor networks
•
Factory automation and motor control
•
Energy Management (lighting, HVAC, etc.)
•
Asset tracking and monitoring
Potential consumer applications include:
•
Home automation and control (lighting, thermostats, etc.)
•
Human interface devices (keyboard, mice, etc.)
•
Remote control
•
Wireless toys
The transceiver includes a low noise amplifier, 1.0 mW power amplifier (PA), PLL with internal voltage
controlled oscillator (VCO), on-board power supply regulation, and full spread-spectrum encoding and
decoding. The device supports 250 kbps Offset-Quadrature Phase Shift Keying (O-QPSK) data in 2.0
MHz channels with 5.0 MHz channel spacing per the 802.15.4 Standard. The SPI port and interrupt request
output are used for receive (RX) and transmit (TX) data transfer and control.
2Features
•
Supports 250 kbps O-QPSK data in 5.0 MHz channels and full spread-spectrum encode and decode
(compatible with the 802.15.4 Standard)
•
Operates on one of 16 selectable channels in the 2.4 GHz band
•
RX sensitivity of <-92 dBm (typical) at 1.0% packet error rate
•
0 dBm nominal, programmable from -27 dBm to 4 dBm typical maximum output power
•
Recommended power supply range: 2.0 to 3.4 V
•
Buffered transmit and receive data packets for simplified use with low cost MCUs
•
Three power down modes for power conservation:
— < 1 µA Off current
— 1 µA Typical Hibernate current
— 35 µA Typical Doze current (no CLKO)
•
Four internal timer comparators available to supplement MCU resource
•
Programmable frequency clock output (CLKO) for use by MCU
•
Onboard trim capability for 16 MHz crystal reference oscillator eliminates need for external
variable capacitors and allows for automated production frequency calibration.
•
Seven general purpose input/output (GPIO) signals
•
Operating temperature range: -40 °C to 85 °C
•
Small form factor QFN-32 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com