Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13192 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 13192 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Electrical Characteristics
MC13192 Technical Data, Rev. 3.2
Freescale Semiconductor
7
4.3
Transmit Path Description
For the transmit path, the TX data that was previously stored in RAM is retrieved (packet mode) or the TX
data is clocked in via the SPI (stream mode), formed into packets per the 802.15.4 PHY, spread, and then
up-converted to the transmit frequency.
If the MC13192 is in packet mode, data is processed as an entire packet. The data is first loaded into the
TX buffer. The MCU then requests that the MC13192 transmit the data. The MCU is notified via an
interrupt when the whole packet has successfully been transmitted.
In streaming mode, the data is fed to the MC13192 on a word-by-word basis with an interrupt serving as
a notification that the MC13192 is ready for more data. This continues until the whole packet is
transmitted.
5
Electrical Characteristics
5.1
Maximum Ratings
Table 1. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Power Supply Voltage
VBATT, VDDINT
-0.3 to 3.6
Vdc
Digital Input Voltage
Vin
-0.3 to (VDDINT + 0.3)
RF Input Power
Pmax
10
dBm
Junction Temperature
TJ
125
°C
Storage Temperature Range
Tstg
-55 to 125
°C
Note: Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
or Recommended Operating Conditions tables.
Note: ESD protection meets Human Body Model (HBM) = 2 kV. RF input/output pins have no ESD protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com