Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13192 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  13192 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Transfer Modes
MC13192 Technical Data, Rev. 3.2
Freescale Semiconductor
5
4
Data Transfer Modes
The MC13192 has two data transfer modes:
1. Packet Mode — Data is buffered in on-chip RAM
2. Streaming Mode — Data is processed word-by-word
The Freescale 802.15.4 MAC software only supports the streaming mode of data transfer. For proprietary
applications, packet mode can be used to conserve MCU resources.
4.1
Packet Structure
Figure 3 shows the packet structure of the MC13192. Payloads of up to 125 bytes are supported. The
MC13192 adds a four-byte preamble, a one-byte Start of Frame Delimiter (SFD), and a one-byte Frame
Length Indicator (FLI) before the data. A two-byte Frame Check Sequence (FCS) is calculated and
appended to the end of the data.
Figure 3. MC13192 Packet Structure
4.2
Receive Path Description
In the receive signal path, the RF input is converted to low IF In-phase and Quadrature (I & Q) signals
through two down-conversion stages. A Clear Channel Assessment (CCA) can be performed based upon
the baseband energy integrated over a specific time interval. The digital back end performs Differential
Chip Detection (DCD), the correlator “de-spreads” the Direct Sequence Spread Spectrum (DSSS) Offset
QPSK (O-QPSK) signal, determines the symbols and packets, and detects the data.
The preamble, SFD, and FLI are parsed and used to detect the payload data and FCS which are stored in
RAM. A two-byte FCS is calculated on the received data and compared to the FCS value appended to the
transmitted data, which generates a Cyclical Redundancy Check (CRC) result. Link Quality is measured
over a 64 µs period after the packet preamble and stored in RAM.
If the MC13192 is in packet mode, the data is processed as an entire packet. The MCU is notified that an
entire packet has been received via an interrupt.
If the MC13192 is in streaming mode, the MCU is notified by an interrupt on a word-by-word basis.
Figure 4 shows CCA reported power level versus input power. Note that CCA reported power saturates at
about -57 dBm input power which is well above 802.15.4 Standard requirements.
Preamble
SFD
FLI
Payload Data
FCS
4 bytes
1 byte
1 byte
125 bytes maximum
2 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com