Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13192 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  13192 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Features
MC13192 Technical Data, Rev. 3.2
Freescale Semiconductor
3
— RoHS compliant
— Meets moisture sensitivity level (MSL) 3
— 260 °C peak reflow temperature
— Meets lead-free requirements
2.1
Software Features
Freescale provides a wide range of software functionality to complement the MC13192 hardware. There
are three levels of application solutions:
1. Simple proprietary wireless connectivity.
2. User networks built on the 802.15.4 MAC standard.
3. ZigBee-compliant network stack.
2.1.1
Simple MAC (SMAC)
•
Small memory footprint (about 3 Kbytes typical)
•
Supports point-to-point and star network configurations
•
Proprietary networks
•
Source code and application examples provided
2.1.2
802.15.4 Standard-Compliant MAC
•
Supports star, mesh and cluster tree topologies
•
Supports beaconed networks
•
Supports GTS for low latency
•
Multiple power saving modes (idle doze, hibernate)
2.1.3
ZigBee-Compliant Network Stack
•
Supports ZigBee 1.0 specification
•
Supports star, mesh and tree networks
•
Advanced Encryption Standard (AES) 128-bit security



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com