Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13192 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  13192 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Freescale Semiconductor, Inc., 2004, 2005, 2006, 2007. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
Document Number: MC13192
Rev. 3.2, 05/2007
MC13192
Package Information
Plastic Package
Case 1311-03
(QFN-32)
Scale 1:1
Ordering Information
Device
Device Marking
Package
MC13192
13192
QFN-32
1
Introduction
The MC13192 is a short range, low power, 2.4 GHz
Industrial, Scientific, and Medical (ISM) band
transceivers. The MC13192 contains a complete
802.15.4 physical layer (PHY) modem designed for the
IEEE® 802.15.4 Standard which supports peer-to-peer,
star, and mesh networking.
The MC13192 includes the 802.15.4 PHY/MAC for use
with the HCS08 Family of MCUs. The MC13192 can be
used with Freescale’s IEEE 802.15.4 MAC and
BeeStack, which is Freescale’s ZigBee 2006 compliant
protocol stack.
When combined with an appropriate microcontroller
(MCU), the MC13192 provide a cost-effective solution
for short-range data links and networks. Interface with
the MCU is accomplished using a four wire serial
peripheral interface (SPI) connection and an interrupt
request output which allows for the use of a variety of
processors. The software and processor can be scaled to
fit applications ranging from simple point-to-point
systems, through complete ZigBee™ networking.
MC13192
2.4 GHz Low Power Transceiver
for the IEEE® 802.15.4 Standard
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3 Block Diagrams . . . . . . . . . . . . . . . . . . . . . . . 4
4 Data Transfer Modes . . . . . . . . . . . . . . . . . . . 5
5 Electrical Characteristics . . . . . . . . . . . . . . . 7
6 Functional Description . . . . . . . . . . . . . . . . 11
7 Pin Connections . . . . . . . . . . . . . . . . . . . . . . 14
8 Applications Information . . . . . . . . . . . . . . . 17
9 Packaging Information . . . . . . . . . . . . . . . . . 23


Similar Part No. - 13192

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
13192 FREESCALE-13192 Datasheet
379Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
logo
Theben AG
1319201 THEBEN-1319201 Datasheet
424Kb / 2P
KNX Sensor technology
22/11/2024
logo
Weidmuller
1319260000 WEIDMULLER-1319260000 Datasheet
531Kb / 1P
SAKT 4/LT SAKT 4/DU SAKT 1/DU SAKT 1/QT
More results

Similar Description - 13192

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com